Part Number Hot Search : 
9M000 05111 122K100 2SK304 684J63 15017 08775 C1094G
Product Description
Full Text Search
 

To Download CMUDM7005-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmudm7005 surface mount n-channel enhancement-mode silicon mosfet description: the central semiconductor cmudm7005 is an enhancement-mode n-channel mosfet, manufactured by the n-channel dmos process, designed for high speed pulsed amplifier and driver applications. this mosfet offers low r ds(on) and low theshold voltage. marking code: 5c7 features: ? esd protection up to 2kv ? 300mw power dissipation ? very low r ds(on) ? low threshold voltage ? logic level compatible ? small, sot-523 surface mount package applications: ? load/power switches ? power supply converter circuits ? battery powered portable equipment maximum ratings: (t a =25c) symbol units drain-source voltage v ds 20 v gate-source voltage v gs 8.0 v continuous drain current (steady state - note 1) i d 650 ma continuous source current (body diode) i s 280 ma maximum pulsed drain current i dm 1.3 a power dissipation (note 1) p d 300 mw operating and storage junction temperature t j , t stg -65 to +150 c electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i gssf , i gssr v gs =4.5v, v ds =0 1.0 a i dss v ds =16v, v gs =0 100 na bv dss v gs =0, i d =250a 20 v v gs(th) v ds =v gs , i d =250a 0.5 1.1 v v sd v gs =0, i s =200ma 1.1 v r ds(on) v gs =4.5v, i d =600ma 0.14 0.23 r ds(on) v gs =2.5v, i d =500ma 0.2 0.275 r ds(on) v gs =1.8v, i d =350ma 0.7 r ds(on) v gs =1.5v, i d =40ma 9.5 q g(tot) v ds =10v, v gs =4.5v, i d =500ma 1.58 nc q gs v ds =10v, v gs =4.5v, i d =500ma 0.17 nc q gd v ds =10v, v gs =4.5v, i d =500ma 0.24 nc notes: (1) mounted on 2 inch square fr-4 pcb with copper mounting pad area of 1.13in 2 sot-523 case r3 (27-september 2011) www.centralsemi.com
cmudm7005 surface mount n-channel enhancement-mode silicon mosfet sot-523 case - mechanical outline lead code: 1) gate 2) source 3) drain marking code: 5c7 electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ units g fs v ds =10v, i d =400ma 1.0 s c rss v ds =16v, v gs =0, f=1.0mhz 18 pf c iss v ds =16v, v gs =0, f=1.0mhz 100 pf c oss v ds =16v, v gs =0, f=1.0mhz 16 pf t on v dd =10v, v gs =4.5v, i d =200ma, r g =10 10 ns t off v dd =10v, v gs =4.5v, i d =200ma, r g =10 25 ns pin configuration (bottom view) www.centralsemi.com r3 (27-september 2011)


▲Up To Search▲   

 
Price & Availability of CMUDM7005-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X